|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SC6041 TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type 2SC6041 Horizontal Deflection Output for HDTV, Digital TV, Projection TV. High voltage Low saturation voltage High speed : VCBO = 1700 V : VCE (sat) = 1.5 V (max) : tf = 0.15 s (typ.) Unit: mm Collector metal (fin) is fully covered with mold resin. Maximum Ratings (TC = 25C) Characteristic Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range DC Pulse Symbol VCBO VCEO VEBO IC ICP IB PC Tj Tstg Rating 1700 750 5 15 30 7.5 70 150 -55 to 150 Unit V V V A A W C C JEDEC JEITA TOSHIBA Weight: 5.5 g (typ.) 2-16E3A Marking TOSHIBA C6041 Part No. (or abbreviation code) Lot No. A line indicates a lead (Pb)-free package or lead (Pb)-free finish. 1 2006-06-20 2SC6041 Electrical Characteristics (TC = 25C) Characteristic Collector cutoff current Emitter cutoff current Emitter-base breakdown voltage Symbol ICBO IEBO V (BR) EBO hFE (1) DC current gain hFE (2) hFE (3) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Switching time Storage time Fall time VCE (sat) VBE (sat) fT Cob tstg tf Test Condition VCB = 1700 V, IE = 0 VEB = 5 V, IC = 0 IE = 1 mA, IB = 0 VCE = 5 V, IC = 2 A VCE = 5 V, IC = 8 A VCE = 5 V, IC = 12 A IC = 12 A, IB = 3 A IC = 12 A, IB = 3 A VCE = 10 V, IC = 0.1 A VCB = 10 V, IE = 0, f = 1 MHz ICP = 6 A, IB1 (end) = 0.8 A fH = 32 kHz Min 5 30 8 5 Typ. 2 260 4 0.15 Max 1 100 60 12 7 1.5 1.25 V V MHz pF s Unit mA A V 2 2006-06-20 2SC6041 IC VCE 20 16 12 0.8 3.5 4 3 2.5 2 1.0 1.2 1.5 VCE(sat) IC 10 Collector emitter saturation voltage Collector current I C (A) 1 VCE (sat) (V) 10 8 6 IC /IB =4 8 4 0 0 2 4 0.6 0.4 IB=0.2A 0.1 Com m on em itter Com m on em itter TC = 25C 6 8 10 0.01 1 TC= 25C 10 Collector current IC (A) 100 Collector - em itter voltage VCE (V) hFE IC 100 Collector -emitter saturation voltage 100 25 VCE(sat)IC 10 DC current gain hFE 10 VCE (sat) (V) TC = - 25C 1 8 6 IC /IB =4 10 0.1 Com m on em itter Com m on em itter 1 0.01 VCE = 5 V 0.1 1 10 Collector current IC (A) 100 0.01 1 TC = 25C 10 Collector current IC (A) 100 ICVBE 20 16 12 8 4 0 0 0.2 0.4 0.6 0.8 1 1.2 Bas e em itter voltage VBE (V) 1.4 25 VCE(sat)IC 10 Collector -emitter saturation voltage Com m on em itter VCE = 5 V Collector current I C (A) 1 VCE (sat) (V) 10 8 6 IC /IB =4 0.1 Com m on em itter T C = 100C - 25 0.01 1 TC = 100C 10 Collector current IC (A) 100 3 2006-06-20 2SC6041 rth(j-c) - tw 10 Transient thermal impedance (junction-case) 1 rth(j-c) (C /W ) 0.1 TC = 25C (infinite heat s ink) 0.01 Curves s hould be applied in the therm al lim ited area. (Single nonrepetitive puls e) 10 100 1000 0.001 0.00001 0.0001 0.001 1 m 0.01 0.1 10 100 10 m 1 m 100 Pulse width tw (s) Safe Operating Area 100 c max (pulsed) Ic max (continuous) 100 s 10 s Reverse BiasSafe Operating Aria 100 Ic max (30A) 440 V,30 A 10 Collector current IC (A) DCoperation (Tc=25C) 10 Collector current I C (A) 1 ms 1 1 100 ms 10 ms 0.1 1700V,10mA 0.1 0.01 1 Single nonrepetitive pulse Tc = 25C Curves must be derated linearly w ith increase in temperature. 0.01 V CE O m ax @ Ta = 25C Nonrepeated pulse lB 2= 3A / L = 500 s 0.001 V CBO m ax 10 100 1000 Collectoremitter voltage V CE (V) 10 100 1000 10000 Collectoremitter voltage V CE (V) 100 Collector power dissipation P C (W) 80 60 40 20 0 0 25 50 PC T C Infinite heat sink 75 100 125 150 175 Case temperature T C (C) 4 2006-06-20 2SC6041 RESTRICTIONS ON PRODUCT USE * The information contained herein is subject to change without notice. 021023_D 060116EAA * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C 5 2006-06-20 |
Price & Availability of 2SC6041 |